PART |
Description |
Maker |
GM6350 GM6350-1.5ST89R GM6350-1.8ST89R GM6350-2.5S |
300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
|
Gamma Microelectronics Inc.
|
GM6350 |
300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
|
Gamma Microelectronics ...
|
GM6350-1.8ST89R GM6350-3.0ST89R GM63501.8ST89R GM6 |
300mA LOW DROPOUT CMOS VOLTAGE REGULATORS 300mA低压差CMOS电压调节
|
American Power Management Inc. American Power Management, Inc.
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
RT9013B RT9013-18GB |
300mA, Low Dropout, Low Noise Ultra-Fast Without Bypass Capacitor CMOS LDO Regulator
|
Richtek Technology Corporation Richtek Technology Corp...
|
PAM3101BAB180 PAM3101DUB120 PAM3101FKF180 PAM3101F |
300mA HIGH PSRR LOW-DROPOUT CMOS LINEAR REGULATOR
|
Diodes
|
FSP2134 |
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
|
FOSLINK SEMICONDUCTOR
|
APE8800-14 |
Low Dropout Voltage of 250mV at 300mA
|
Advanced Power Electronics ...
|
NCP693DMN12TCG NCP693DMN25TCG NCP693DMN33TCG |
1A CMOS Low-Dropout Voltage Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.38 V DROPOUT, PDSO6 1A CMOS Low-Dropout Voltage Regulator
|
ON Semiconductor
|
GM6251-5.0ST25R GM6251-5.0ST89R GM6251-5.0T92B GM6 |
300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
|
Gamma Microelectronics Inc.
|